catch us on the web! www.cotorelay.com e-mail us: sales@cotorelay.com 24 e e e e e conomy conomy conomy conomy conomy dip r dip r dip r dip r dip r eed eed eed eed eed r r r r r elays elays elays elays elays the coto 8l00 spartan series relays combine coto quality and economy in the industry standard 14 pin molded dip package. this series will cross to all competitive dip packages and is ideal for telecom, security, and other general purpose applications. 8l00 s 8l00 s 8l00 s 8l00 s 8l00 s eries eries eries eries eries f f f f f eatures eatures eatures eatures eatures u drop-in low cost replacement for industry standard dip packages. u available in form 1a, 1c, 2a and 1b packages and 5, 12, and 24 v coil designs. u molded thermoset body on integral lead frame design. u hermetically sealed contacts. u optional electrostatic shield and coil suppression diode. 8l00 series/spartan dip reed relays new! dimensions in inches (millimeters) 2 3 4 4 3
coto technology 55 dupont drive, providence, ri 02907-3105 / (401) 943-2686 fax (401) 942-0920 25 m o d e l n u m b e r 8 l 01 8 l 02 8 l 21 8 l 41 p a r a m e t e r s t e s t c ond iti o n s u n it s 1 f o r m a 2 f o r m a 1 f o r m b 1 f o r m c c o i l s p e c s . nom. coil voltage vdc 5 12 24 5 12 24 5 12 24 5 12 24 max. coil voltage vdc 6.5 15 32 6.5 15 32 6.5 15 32 6.5 15 32 coil resistance +/- 10%, 25 c w 500 500 2150 200 500 2000 200 500 2000 200 500 2000 operate voltage must operate by vdc - max. 3.8 9.6 19.2 3.8 9.6 19.2 3.8 9.6 19.2 3.8 9.6 19.2 release voltage must release by vdc - min. 0.5 1.0 2.0 0.5 1.0 2.0 0.5 1.0 2.0 0.5 1.0 2.0 c o n t a c t r a t i n g s switching voltage max dc/peak ac resist. volts 200200200100 switching current max dc/peak ac resist. amps 0.5 0.5 0.5 0.25 carry current max dc/peak ac resist. amps 1.0 1.0 1.0 0.5 contact rating max dc/peak ac resist. watts 10 10 10 3 life expectancy-typical 1 signal level 1.0v,10ma x 10 6 ops. 500500500100 static contact resistance (max. init.) 50mv, 10ma w 0.150 0.150 0.150 0.200 dynamic contact resistance (max. init.) 0.5v, 50ma at 100 hz, 1.5 msec w n/a n/a n/a n/a r el a y sp e c i f i c a t i o n s insulation resistance (minimum) between all isolated pins at 100v, 25c, 40% rh w x 10 10 x 10 10 x 10 9 x 10 9 dielectric strength (minimum) between contacts contacts to shield contacts/shield to coil vdc/peak ac vdc/peak ac vdc/peak ac 250 1500 1500 250 1500 1500 250 1500 1500 250 1500 1500 operate time - including bounce - typical at nominal coil voltage, 30 hz square wave msec. 0.5 0.5 0.5 1.0 release time - typical no suppression diode suppression msec. msec. 0.5 1.0 0.5 1.0 0.5 1.0 1.0 1.5 8l00 series/spartan dip reed relays environmental ratings storage temp: -35 c to +100 c; operating temp: -20 c to + 85 c the operate and release voltage and the coil resistance are specified at 25 c. these values vary by approximately 0.4%/c as the ambient temperature varies. vibration: 20 gs to 2000 hz; shock: 50 gs notes: 1 consult factory for life expectancy at other switching loads. 2 molded depression on top of relay refers to pin #1 location. 3 optional coil suppression diode across pins 2(+) and 6(-). 4 optional es shield is tied to pins 9 and 13 top view: dot stamped on top of relay refers to pin #1 location grid = .1"x.1" (2.54mm x 2.54mm) 2,3,4 2,3,4 2,3,4 2,3,4
|